Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD16N65M5 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STD16N65M5
Description  N-channel 650 V, 0.230 Ω, 12 A MDmesh??V Power MOSFET in D²PAK, DPAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16N65M5 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STD16N65M5 Datasheet HTML 11Page - STMicroelectronics STD16N65M5 Datasheet HTML 12Page - STMicroelectronics STD16N65M5 Datasheet HTML 13Page - STMicroelectronics STD16N65M5 Datasheet HTML 14Page - STMicroelectronics STD16N65M5 Datasheet HTML 15Page - STMicroelectronics STD16N65M5 Datasheet HTML 16Page - STMicroelectronics STD16N65M5 Datasheet HTML 17Page - STMicroelectronics STD16N65M5 Datasheet HTML 18Page - STMicroelectronics STD16N65M5 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STB16N65M5, STD16N65M5
18/19
Doc ID 18146 Rev 2
6
Revision history
Table 12.
Document revision history
Date
Revision
Changes
09-Nov-2010
1
First release.
14-Oct-2011
2
Modified
Section 2.1: Electrical characteristics (curves):
–
Figure 6, Figure 7, Figure 8, Figure 9, Figure 13 and Figure 14
– Added
Figure 15
Updated RDS(on) value in coverpage and in Table 4
Updated values in
Table 6
Updated
Section 4: Package mechanical data and Section 5:
Packaging mechanical data.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com