Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10M80C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS10M80C
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10M80C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS10M80C Datasheet HTML 1Page - STMicroelectronics STPS10M80C Datasheet HTML 2Page - STMicroelectronics STPS10M80C Datasheet HTML 3Page - STMicroelectronics STPS10M80C Datasheet HTML 4Page - STMicroelectronics STPS10M80C Datasheet HTML 5Page - STMicroelectronics STPS10M80C Datasheet HTML 6Page - STMicroelectronics STPS10M80C Datasheet HTML 7Page - STMicroelectronics STPS10M80C Datasheet HTML 8Page - STMicroelectronics STPS10M80C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPS10M80C
Characteristics
Doc ID 018734 Rev 1
5/11
Figure 14.
Thermal resistance junction to ambient versus copper surface under tab for D2PAK
Figure 12.
Forward voltage drop versus
forward current (per diode)
Figure 13.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
0
1
2
3
4
5
6
7
8
9
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
(Typical values)
T = 125 °C
j
(Maximum values)
T = 125 °C
j
(Maximum values)
T = 25 °C
j
I
(A)
FM
V
(V)
FM
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
100
105
110
115
120
125
130
135
140
145
150
I
(A)
arm
I
(V
) 150 °C, 1 µs
arm
arm
V
(V)
arm
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
DPAK
2
R
(°C/W)
th(j-a)
S (cm )
Cu
2
epoxy printed board copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com