Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F407ZE Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F407ZE
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407ZE Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F407ZE Datasheet HTML 61Page - STMicroelectronics STM32F407ZE Datasheet HTML 62Page - STMicroelectronics STM32F407ZE Datasheet HTML 63Page - STMicroelectronics STM32F407ZE Datasheet HTML 64Page - STMicroelectronics STM32F407ZE Datasheet HTML 65Page - STMicroelectronics STM32F407ZE Datasheet HTML 66Page - STMicroelectronics STM32F407ZE Datasheet HTML 67Page - STMicroelectronics STM32F407ZE Datasheet HTML 68Page - STMicroelectronics STM32F407ZE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
65/154
Table 17.
Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator enabled) or RAM (1)(2)
Symbol
Parameter
Conditions
fHCLK
Typ
Max(3)
Unit
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply current in
Run mode
External clock(4), all
peripherals enabled(5)
168 MHz
86.8
TBD
TBD
mA
144 MHz
67
TBD
TBD
120 MHz
56.2
TBD
TBD
90 MHz
43.5
TBD
TBD
60 MHz
29.7
TBD
TBD
30 MHz
16.3
TBD
TBD
25 MHz
12.4
TBD
TBD
16 MHz(6)
8.7
TBD
TBD
8 MHz
5.1
TBD
TBD
4 MHz
3.3
TBD
TBD
2 MHz
2.4
TBD
TBD
External clock(4), all
peripherals disabled
168 MHz
39.8
TBD
TBD
144 MHz
30.8
TBD
TBD
120 MHz
26
TBD
TBD
90 MHz
20.4
TBD
TBD
60 MHz
14.3
TBD
TBD
30 MHz
8.2
TBD
TBD
25 MHz
6.4
TBD
TBD
16 MHz(6)
4.75
TBD
TBD
8 MHz
3
TBD
TBD
4 MHz
2.3
TBD
TBD
2 MHz
2
TBD
TBD
1.
Code and data processing running from SRAM1 using boot pins.
2.
TBD stands for “to be defined”.
3.
Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
4.
External clock is 4 MHz and PLL is on when fHCLK > 25 MHz.
5.
When the ADC is on (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC for
the analog part.
6.
In this case HCLK = system clock/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com