Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3G4200DTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L3G4200DTR
Description  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200DTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L3G4200DTR Datasheet HTML 9Page - STMicroelectronics L3G4200DTR Datasheet HTML 10Page - STMicroelectronics L3G4200DTR Datasheet HTML 11Page - STMicroelectronics L3G4200DTR Datasheet HTML 12Page - STMicroelectronics L3G4200DTR Datasheet HTML 13Page - STMicroelectronics L3G4200DTR Datasheet HTML 14Page - STMicroelectronics L3G4200DTR Datasheet HTML 15Page - STMicroelectronics L3G4200DTR Datasheet HTML 16Page - STMicroelectronics L3G4200DTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
L3G4200D
Mechanical and electrical characteristics
Doc ID 17116 Rev 3
13/42
2.4.2
I2C - inter IC control interface
Subject to general operating conditions for Vdd and Top.
Figure 5.
I2C slave timing diagram (c)
Table 8.
I2C slave timing values
Symbol
Parameter
I2C standard mode(1)
I2C fast mode (1)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
100
0
400
kHz
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0
3.45
0
0.9
µs
tr(SDA) tr(SCL)
SDA and SCL rise time
1000
20 + 0.1Cb
(2)
300
ns
tf(SDA) tf(SCL)
SDA and SCL fall time
300
20 + 0.1Cb
(2)
300
th(ST)
START condition hold time
4
0.6
µs
tsu(SR)
Repeated START condition
setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP
and START condition
4.7
1.3
1.
Data based on standard I2C protocol requirement; not tested in production.
2.
Cb = total capacitance of one bus line, in pF.
c.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com