Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358GD Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM358GD
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM358GD Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM358GD Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM358GD Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM358GD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM358GD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DUAL OPERATIONAL AMPLIFIERS
LM358
TYPICAL PERFORMANCE CHARACTERISTICS
HTC
- 3 -
TEMPERATURE(℃)
-55
-15
45
125
30
50
90
CURRENT LIMITING
SUPPLY VOLTAGE (V
DC)
0
10
20
40
1
4
SUPPLY CURRENT
SUPPLY VOLTAGE(V
DC)
0
0
20
30
40
160
VOLTAGE GAIN
0
10
20
40
60
70
80
-35
5
25
65 85 105
80
120
10
40
3
2
30
TA=0℃TO+125℃
TA=-55℃
RL=20㏀
RL=2㏀
FREQUENCY(㎐)
FREQUENCY(㎐)
0
110
1M
40
140
OPEN-LOOP FREQUENCY
RESPONSE
TIME(㎲)
0
020
30
1
4
VOLTAGE-FOLLOWER PULSE
RESPONSE
0
1
10
40
120
100
100
V+=10℃ TO 15V
DCAND
-55℃≤TA≤+125℃
RL=≥2KV
+=15V
DC
80
60
20
1K
10K
100K
10M
V+=30VDCAND
-55℃≤TA≤+125℃
V0
-
+
V+
10M
VIN
0.1㎌
V+/2
0
5
20
LARGE-SIGNAL FREQUENCY
RESPONSE
15
10
2
3
2
3
1K
10K
100K
1M
V0
-
+
15V
DC
100K
VIN
1K
+7V
VD
2K
IO
+-OUTPUT SOURCE CURRENT (㎃
DC)
0.001
0.01
100
2
3
7
OUTPUT CHARACTERISITICS
CURRENT SOURCING
t-TIME(㎲)
01
2
4
250
400
VOLTAGE-FOLLOWER PULSE
RESPONSE (SMALL-SIGNAL)
1
4
5
6
0.1
1
10
350
300
3
V
+=30V
DC
TA=+25℃
450
500
EO
50㎊
eIN
INPUT
OUTPUT
8
+V+/2
+
-
V
+
V
2
I
O
TA=+25℃
INDEPENDENT OF V
+
IO
+-OUTPUT SINK CURRENT (㎃
DC)
0.001
0.01
100
0.1
OUTPUT CHARACTERISITICS
CURRENT SINKING
0.01
1
0.1
1
10
10
V
+/2
-
+
V
+
V
0
I
O
TA=+25℃
V
+=+5V
DC
V
+=+15V
DC
V
+=+30V
DC
0
8
7
6
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com