Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM358
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM358 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM358 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM358 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM358 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM358 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DUAL OPERATIONAL AMPLIFIERS
LM358
FEATURES
● Internally frequency compensated for unity gain
● Large DC voltage gain : 100dB
● Wide power supply range : 3V~32V(or±1.5V~16V)
● Input common-mode voltage range includes ground
● Large output voltage swing : 0V DC to VCC-1.5V DC
● Power drain suitable for battery operation
● Moisture Sensitivity Level 3
● LM358G is Halogen Free product
ORDERING INFORMATION
DUAL OPERATIONAL AMPLIFIERS
LM358 is consists of four independent, high gain, internally frequency compensated operational amplifiers
which were designed specifically to operate from a single power supply over a wide range of voltage.
Operation from split power supplies is also possible and the low power supply current drain is independent
of the magnitude of the power supply voltage.
Application areas include transducer amplifier, DC gain blocks and all the conventional OP amp circuits
which now can be easily implemented in single power supply systems.
EQUIVALENT CIRCUIT
2008 - Ver. 1.1
HTC
Device
Package
LM358GD
LM358D
8 SOP
LM358N
8 DIP
- 1 -
V+
6㎂
INPUTS
Q2
-
CC
Q3
Q9
+
Q4
Q8
Q1
100㎂
6㎂
Q10
Q11
Q12
Q5
Q6
OUTPUT
Q7
50㎂
RSC
Q13
SOP8/ DIP8 PIN Configulation
1
2
3
4
8
7
6
5
IN1(-)
IN1 (+)
Gnd
IN2 (+)
Vcc
Out
Out2
IN2 (-)
A
+
-
B
-
+
SOP-8 PKG
DIP-8 PKG


Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM358 PHILIPS-LM358 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Wing Shing Computer Com...
LM358 WINGS-LM358 Datasheet
91Kb / 4P
Dual Operation Amplifiers
More results

Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com