Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L10F Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L10F
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L10F Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM78L10F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L10F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Oct. 2010 - Rev. 1.4
- 2
-
HTC
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
LM78L05 / A / C
7
20
LM78L06
8
20
LM78L08
10.5
23
LM78L09
11.5
24
LM78L10
12.5
25
LM78L12
14.5
27
LM78L15
17.5
30
LM78L18
20.5
33
Input Voltage
LM78L24
VIN
26.5
39
V
Output Current
Io
100
100
mA
Operating Virtual Junction Temperature
TJ
-40
125
℃
Ordering Information
VOUT
Package
Order No.
Description
Supplied As
Status
LM78L05
0.1A, Positive
Bulk
Active
LM78L05A
0.1A, Positive
Bulk
Active
LM78L05C
0.1A, Positive
Bulk
Active
LM78L05TA
0.1A, Positive
Taping
Active
LM78L05ATA
0.1A, Positive
Taping
Active
TO-92
LM78L05CTA
0.1A, Positive
Taping
Active
SOT-89
LM78L05F
0.1A, Positive
Reel
Active
5.0V
SOP-8
LM78L05D
0.1A, Positive
Reel
Active
LM78L06
0.1A, Positive
Bulk
Active
TO-92
LM78L06TA
0.1A, Positive
Taping
Active
6.0V
SOT-89
LM78L06F
0.1A, Positive
Reel
Active
LM78L08
0.1A, Positive
Bulk
Active
TO-92
LM78L08TA
0.1A, Positive
Taping
Active
8.0V
SOT-89
LM78L08F
0.1A, Positive
Reel
Active
LM78L09
0.1A, Positive
Bulk
Active
TO-92
LM78L09TA
0.1A, Positive
Taping
Active
9.0V
SOT-89
LM78L09F
0.1A, Positive
Reel
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com