Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1086 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1086
Description  1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1086 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1086 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1086 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Dropout Voltage vs Output Current
Figure 2. Reference Voltage vs Temperature
Figure 3. Load Regulation vs. Output Current
Figure 4. Minimum Load Current
Figure 5. Adjust Pin Current vs Temperature
Figure 6. Ripple Rejection vs. Frequency
(Fixed Versions)
HTC
- 4 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com