Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1108SF Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1108SF
Description  300mA CMOS L.D.O. Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1108SF Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1108SF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1108SF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
300mA CMOS L.D.O. Regulator
LM1108
ABSOLUTE MAXIMUM RATING
ELECTRICAL CHARACTERISTICS
Note.1 : Load Regulation is measured using pulse techniques with duty cycle<5%
HTC
- 2 -
Characteristic
Symbol
Value
Unit
Supply Voltage
Output Current
V
260
Vin
+6.5
°C
500
230
Iout
300
mA
V
°C
Operating Ambient Temperature
Topr
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +125
Lead Temperature (soldering, 5 sec)
Output Voltage
Vout
Vss-0.3 to Vin+0.3
mW
SOT89 PKG
Total Power Dissipation
SOT23 PKG
Pd
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com