Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1501AT Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1501AT
Description  5.0A, 150kHz, Step-down Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501AT Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1501AT Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501AT Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501AT Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501AT Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5.0A, 150kHz, Step-down Switching Regulator
LM1501A
Mar. 2011 – Ver. 1.3
2
HTC
Ordering Information
VOUT
Package
Order No.
Description
Package Marking
Supplied As
TO-263 5L
LM1501AR-ADJ-5L
5A, 150KHz
LM1501A-ADJ
Reel
ADJ
TO-220 5L
LM1501AT-ADJ-5L
5A, 150KHz
LM1501A-ADJ
Tube
TO-263 5L
LM1501AR-3.3-5L
5A, 150KHz
LM1501A-3.3
Reel
3.3V
TO-220 5L
LM1501AT-3.3-5L
5A, 150KHz
LM1501A-3.3
Tube
TO-263 5L
LM1501AR-5.0-5L
5A, 150KHz
LM1501A-5.0
Reel
5.0V
TO-220 5L
LM1501AT-5.0-5L
5A, 150KHz
LM1501A-5.0
Tube
TO-263 5L
LM1501AR-12-5L
5A, 150KHz
LM1501A-12
Reel
12V
TO-220 5L
LM1501AT-12-5L
5A, 150KHz
LM1501A-12
Tube
PIN CONFIGURATION
TO-263 5L
TO-220 5L
PIN DESCRIPTION
TO-263 / TO-220 5 LEAD
Pin No.
Name
Function
1
VIN
Operating Input Voltage
2
OUTPUT
Switching Output Voltage
3
GND
Ground
4
FB
Output Voltage Feedback Control
5
SD
ON/OFF Shutdown
: TO-263
: TO-220
R
T
Lead Count : 5L
Output Voltage : ADJ / 3.3V / 5.0V / 12V
Package Type
Root Name
LM 1501A R – 3.3 V – 5 L
Product Code
SD
FB
GND
OUTPUT
VIN
SD
FB
GND
OUTPUT
VIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com