Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

368LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 368LP4E
Description  SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

368LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  368LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 368LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Spectrum @ Fin = 6.5 GHz,
Pin = +2 dBm
SSB Phase Noise
Performance, Fout = 13 GHz,
Input Power = +2 dBm
-55
-45
-35
-25
-15
-5
5
15
25
4
8
12
16
20
24
28
FREQUENCY (GHz)
-180
-150
-120
-90
-60
-30
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
Output Power vs. Input Power
@ Three Frequencies
-10
-5
0
5
10
15
20
-5
-2
1
4
7
10
9GHz
12GHz
16GHz
INPUT POWER (dBm)
SMT GaAs PHEMT MMIC
AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
v03.0705
HMC368LP4 / 368LP4E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com