Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

373LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 373LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

373LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  373LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 373LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 373LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 373LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 373LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 373LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 373LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 373LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 60
HMC373LP3 / 373LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
v03.0610
General Description
Features
Functional Diagram
The HMC373LP3 / HMC373LP3E are versatile, high
dynamic range GaAs MMIC Low Noise Amplifiers
that integrates a low loss LNA bypass mode on the
IC. The amplifier is ideal for GSM & CDMA cellular
basestation front-end receivers operating between
700 and 1000 MHz and provides 0.9 dB noise figure,
14 dB of gain and +35 dBm IP3 from a single supply of
+5V @ 90 mA. Input and output return losses are 28
and 12 dB respectively with the LNA requiring minimal
external components to optimize the RF input match,
RF ground and DC bias. By presenting an open or
short circuit to a single control line, the LNA can be
switched into a low 2.0 dB loss bypass mode reducing
the current consumption to 10 μA. For applications
which require improved noise figure, please see the
HMC668LP3(E).
Noise Figure: 0.9 dB
Output IP3: +35 dBm
Gain: 14 dB
Low Loss LNA Bypass Path
Single Supply: +5V @ 90 mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vdd = +5V
Typical Applications
The HMC373LP3 / HMC373LP3E is ideal for
basestation receivers:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• Private Land Mobile Radio
Parameter
LNA Mode
LNA Mode
Bypass Mode
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
810 - 960
700 - 1000
700 - 1000
MHz
Gain
11.5
13.5
10.5
14
-2.8
-2.0
dB
Gain Variation Over Temperature
0.008
0.015
0.008
0.015
0.002
0.004
dB / °C
Noise Figure
0.9
1.3
1.0
1.4
dB
Input Return Loss
28
25
30
dB
Output Return Loss
12
11
25
dB
Reverse Isolation
20
19
dB
Power for 1dB Compression (P1dB)*
18
21
17
20
30
dBm
Saturated Output Power (Psat)
22.5
22
dBm
Third Order Intercept (IP3)*
(-20 dBm Input Power per tone, 1 MHz tone spacing)
35.5
35
50
dBm
Supply Current (Idd)
90
90
0.01
mA
* P1dB and IP3 for LNA Mode are referenced to RFOUT while P1dB and IP3 for Bypass Mode are referenced to RFIN.


Similar Part No. - 373LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
373LP3E HITTITE-373LP3E Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
More results

Similar Description - 373LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_06 Datasheet
350Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC372LP3 HITTITE-HMC372LP3_10 Datasheet
256Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3_10 Datasheet
207Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC668LP3 HITTITE-HMC668LP3 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com