Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

311LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 311LP3E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

311LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  311LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 311LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 311LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 311LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 311LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 311LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 8
HMC311LP3 / 311LP3E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
v04.1108
General Description
Features
Functional Diagram
The HMC311LP3(E) is a GaAs InGaP Heterojunction
Bipolar
Transistor
(HBT)
Gain
Block
MMIC
SMT
DC
to
6
GHz
amplifiers.
This
3x3mm
QFN packaged amplifier can be used as either a
cascadable 50 Ohm gain stage or to drive the LO of
HMC mixers with up to +17 dBm output power. The
HMC311LP3(E) offers 14.5 dB of gain and an output
IP3 of +32 dBm while requiring only 56 mA from a
+5V supply. The Darlington feedback pair used results
in reduced sensitivity to normal process variations
and yields excellent gain stability over temperature
while requiring a minimal number of external bias
components.
P1dB Output Power: +15.5 dBm
Output IP3: +32 dBm
Gain: 14.5 dB
50 Ohm I/O’s
16 Lead 3x3mm SMT Package: 9mm2
Typical Applications
The HMC311LP3(E) is ideal for:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV & Cable Modem
• Microwave Radio
Electrical Specifications, Vs= 5V, Rbias= 22 Ohm, T
A = +25° C
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 4.0 GHz
4.0 - 6.0 GHz
13.0
12.5
12.0
14.5
14.3
14.0
dB
dB
dB
Gain Variation Over Temperature
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 6.0 GHz
0.005
0.008
0.012
0.008
0.012
0.016
dB/ °C
dB/ °C
dB/ °C
Return Loss Input / Output
DC - 1.0 GHz
1.0 - 3.0 GHz
3.0 - 6.0 GHz
13
11
15
dB
dB
dB
Reverse Isolation
DC - 6 GHz
18
dB
Output Power for 1 dB Compression (P1dB)
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 6.0 GHz
13.5
12.0
10.0
15.5
15.0
13.0
dBm
dBm
dBm
Output Third Order Intercept (IP3)
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 4.0 GHz
4.0 - 6.0 GHz
32
30
28
24
dBm
dBm
dBm
dBm
Noise Figure
DC - 6 GHz
4.5
dB
Supply Current (Icq)
55
74
mA
Note: Data taken with broadband bias tee on device output.


Similar Part No. - 311LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
311LP3E HITTITE-311LP3E Datasheet
227Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results

Similar Description - 311LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC311LP3 HITTITE-HMC311LP3_07 Datasheet
227Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89_10 Datasheet
254Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
logo
Analog Devices
HMC311LP3 AD-HMC311LP3_17 Datasheet
320Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC311ST89 AD-HMC311ST89_17 Datasheet
295Kb / 6P
InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com