Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC334LP4 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC334LP4
Description  SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC334LP4 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC334LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC334LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC334LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC334LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC334LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC334LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC334LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC334LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9
9 - 44
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 Ohm impedance while the
package ground leads and exposed paddle should
be connected directly to the ground plane similar
to that shown. A sufficient number of via holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board shown
is available from Hittite upon request.
Item
Description
J1 - J4
Johnson SMA Connector
J5 - J6
2mm SMT
C1 - C3
1000 pF Capacitor, 0402 Pkg.
C4
0.3 pF Capacitor, 0402 Pkg.
C5
100 pF Capacitor, 0402 Pkg.
C6
10 KpF Capacitor, 0402 Pkg.
C7
1.3 pF Capacitor, 0402 Pkg.
C8, C9
0.1 μF Capacitor, 0805 Pkg.
L1
2.7 nH Chip Inductor, 0603 Pkg.
L2
2 nH Chip Inductor, 0603 Pkg.
R1
13 Ohm Resistor, 1206 Pkg.
R2, R3
91 Ohm Resistor, 0805 Pkg.
T1
M/A-Com 4:1 Balun, MABAES0061
U1
HMC334LP4 / HMC334LP4E
PCB [2]
117527 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
List of Materials for Evaluation PCB 117528 [1]
HMC334LP4 / 334LP4E
v03.0410
SiGe WIDEBAND
DOWNCONVERTER, 0.6 - 2.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com