Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ2997GD Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2997GD
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2997GD Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TJ2997GD Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2997GD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DDR Termination Regulator
TJ2997
Apr, 2011 - R1.0.1
2/13
HTC
PIN CONFIGURATION
GND
EN
VSENSE
VREF
VTT
PVIN
AVIN
VDDQ
1
2
3
4
8
7
6
5
GND
EN
VSENSE
VREF
VTT
PVIN
AVIN
VDDQ
1
2
3
4
8
7
6
5
Exposed
Thermal
PAD
SOP8
SOP8-PP
PIN DESCRIPTION
Pin No.
Pin Name
Pin Function
1
GND
Ground
2
EN
Enable
3
VSENSE
Feedback Pin for Regulating VTT
4
VREF
Buffered Internal Reference Voltage of VDDQ/2
5
VDDQ
Input for Internal Reference Equal to VDDQ/2
6
AVIN
Analog Bias Input Pin
7
PVIN
Power Input Pin
8
VTT
Output Voltage for Connection to Termination Resistors
Exposed Thermal PAD
Exposed Thermal Connection. Connect to Ground. (SOP8-PP Only)
TYPICAL APPLICATION
VDDQ
AVIN
PVIN
VTT
VSENSE
VREF
GND
EN
VEN
VDDQ = 1.8V
VREF = 0.9V
VTT = 0.9V
VAVIN = 2.5V
+
+
47uF
220uF
+
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com