Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC415LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC415LP3
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC415LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC415LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 66
HMC415LP3 / 415LP3E
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 4.9 - 5.9 GHz
v03.0605
General Description
Features
Functional Diagram
The HMC415LP3 & HMC415LP3E are high effi-
ciency GaAs InGaP Heterojunction Bipolar Tran-
sistor (HBT) MMIC Power amplifiers which operate
between 4.9 and 5.9 GHz. The amplifier is pack-
aged in a low cost, leadless surface mount pack-
age with an exposed base for improved RF and
thermal performance. With a minimum of external
components, the amplifier provides 20 dB of gain,
+26 dBm of saturated power, and 34% PAE from a
+3V supply voltage. Vpd can be used for full power
down or RF output power/current control.
For +15
dBm OFDM output power (64 QAM, 54 Mbps), the
HMC415LP3
&
HMC415LP3E
achieve
an
error
vector magnitude (EVM) of 3.7% meeting 802.11a
linearity requirements.
Gain: 20 dB
34% PAE @ Psat = +26 dBm
3.7% EVM @ Pout = +15 dBm
with 54 Mbps OFDM Signal
Supply Voltage: +3V
Power Down Capability
Low External Part Count
Electrical Specifications, T
A = +25° C, Vs = 3V, Vpd = 3V
Typical Applications
This amplifier is ideal for use as a power
amplifier for 4.9 - 5.9 GHz applications:
• 802.11a WLAN
• HiperLAN WLAN
• Access Points
• UNII & ISM Radios
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
4.9 - 5.1
5.1 - 5.4
5.4 - 5.9
GHz
Gain
18
20
18.5
20.5
16
19
dB
Gain Variation Over Temperature
0.04
0.05
0.04
0.05
0.04
0.05
dB /
°C
Input Return Loss
10
9
8
dB
Output Return Loss
10
12
8
dB
Output Power for 1dB
Compression (P1dB)
Icq = 285 mA
Icq = 200 mA
20
22.5
22.0
20.5
23.0
22.5
18
21.5
21.0
dBm
Saturated Output Power (Psat)
25.5
26
24
dBm
Output Third Order Intercept (IP3)
28
31
29
32
27
30
dBm
Error Vector Magnitude
(54 Mbps OFDM Signal @ +15 dBm Pout)
Icq = 200 mA
3.7
%
Noise Figure
6
6
6
dB
Supply Current (Icq)
Vpd = 0V/3V
0.002 /
285
0.002 /
285
0.002 /
285
mA
Control Current (Ipd)
Vpd = 3V
7
7
7
mA
Switching Speed
tOn, tOff
45
45
45
ns


Similar Part No. - HMC415LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Analog Devices
HMC415LP3 AD-HMC415LP3 Datasheet
416Kb / 8P
Power Down Capability
HMC415LP3E AD-HMC415LP3E Datasheet
416Kb / 8P
Power Down Capability
More results

Similar Description - HMC415LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Fairchild Semiconductor
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com