Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431-CZ Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TL431-CZ
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431-CZ Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TL431-CZ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431-CZ Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ/CZ
2009 – Obsolete
- 2 -
HTC
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Cathode Voltage
VKA
VREF
40
V
Cathode Current
IK
0.5
100
mA
Ordering Information
VREF
Package
Tolerance
Order No.
Package Marking
Status
TL431CZ
Obsolete
0.5%
TL431CZTA
TL431-CZ
Obsolete
TL431AZ
Obsolete
1%
TL431AZTA
TL431-AZ
Obsolete
TL431Z
Obsolete
TO-92
2%
TL431ZTA
TL431Z
Obsolete
0.5%
TL431CZSF
Obsolete
1%
TL431AZSF
Obsolete
SOT-23
2%
TL431ZSF
431Z
Obsolete
0.5%
TL431CZF
Obsolete
1%
TL431AZF
Obsolete
2.495V
SOT-89
2%
TL431ZF
431Z
Obsolete
Package Type
: Bulk
: TO-92
: SOT-23
: SOT-89
Tolerance
CZ : 0.5%
AZ : 1%
Z : 2%
Root Name
TL 431 CZ SF
Product Code
Blank
TA
SF
F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com