Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TL494
Description  Pulse-Width-Modulation Control Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL494 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TL494 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL494 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pulse-Width-Modulation Control Circuits
TL494
FEATURES
●
Complete PWM Power Control Circuitry
●
Uncommitted Outputs for 200 mA Sink or Source Current
●
Output Control Selects Single-Ended or Push-Pull Operation
●
Internal Circuitry Prohibits Double Pulse at Either Output
●
Variable Dead-Time Provides Control over Total Range
●
Internal Regulator Provides a Stable 5-V Reference Supply,5%
●
Circuit Architecture Allows Easy Synchronization
●
Moisture Sensitivity Level 3
DESCRIPTION
The TL494 incorporate on a single monolithic chip all the functions
required in the construction of a pulse-width-modulation control,
these devices offer the systems engineer the flexibility to tailor
ORDERING INFORMATION
the power supply control circuitry to his application.
The TL494 contains an error amplifier, an on-chip adjustable
oscillator, a dead-time control comparator, pulse-steering control
flip-flop, a 5-volt, 5% precision regulator, and output-control circuit.
The error amplifier exhibits a common-mode voltage range from -0.3 volts to Vcc -2 volts. The dead-time control
comparator has a fixed offset that provides approximately 5% dead time when externally altered. The on-chip
oscillator may be bypassed by terminating R T (pin 6) to the reference output and providing a sawtooth in put to
CT (pin 5), or it may be used to drive the common circuits in synchronous multiple-rail power supplies. The
uncommited output transistors provide either common-emitter or emitter-follower output capability. Each Device
provides for push-pull or single-ended output operation, which may be selected through the output-control funct
-ion. The architecture of these devices prohibits the possibility of either output being pulsed twice during push
-pull operation.
Functional Block Diagram
2008 - Ver. 1.2
HTC
TL494N
16 DIP
1 / 6
Device
Package
TL494D
16 SOP
SOP16/DIP16
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NONINV
INPUT
INV INPUT
FEEDBAC
K
DEAD-TIME
CONTROL
CT
RT
GND
C1
NONINV
INPUT
INV INPUT
REF OUT
Vcc
C2
E2
E1
OUTPUT
CONTROL
Error
AMP 1
Error
AMP 2
OSCILLATOR
REFERENCE
RT
CT
DEAD
TIME
CONTROL
0.1V
DEAD-TIME CONTROL COMPARATOR
PWM COMPARATOR
FEEDBACK
ERROR AMPLIFIER
ERROR AMPLIFIER
NONINVERTING INPUT
INVERTING INPUT
NONINVERTING INPUT
INVERTING INPUT
+
-
2
1
+
-
C1
PULSE-STEERING FLIP-FLOP
Q1
Q2
C1
E1
C2
E2
Vcc
Vref
GND
OUTPUT CONTROL


Similar Part No. - TL494

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Texas Instruments
TL494 TI-TL494 Datasheet
210Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494 TI-TL494 Datasheet
449Kb / 17P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Fairchild Semiconductor
TL494 FAIRCHILD-TL494 Datasheet
56Kb / 8P
SMPS Controller
More results

Similar Description - TL494

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com