Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431GSF Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part # TL431GSF
Description  PROGRAMMABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL431GSF Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button TL431GSF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TL431GSF Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431/A/C
Dec. 2010 – Rev.1.5
- 10 -
HTC
4. High-Current Shunt Regulator
5. Precision 5-V 1.5A Regulator
6. Efficient 5-V Precision Regulator
NOTE A : RB Should provide cathode current≥1mA to the TL431.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com