Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC441LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC441LP3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC441LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC441LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC441LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 94
HMC441LP3 / 441LP3E
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 6.5 - 13.5 GHz
v04.0508
General Description
Features
Functional Diagram
The HMC441LP3 & HMC441LP3E are broadband
GaAs PHEMT MMIC Medium Power Amplifiers which
operate between 6.5 and 13.5 GHz. The leadless
plastic
QFN
surface
mount
packaged
amplifier
provides 14 dB of gain, +20 dBm saturated power
at 20% PAE from a +5V supply voltage. An optional
gate bias is provided to allow adjustment of gain,
RF output power, and DC power dissipation. This
50 Ohm matched amplifier does not require any
external components making it an ideal linear gain
block or driver for HMC SMT mixers.
Gain: 14 dB
Saturated Power: +20 dBm @ 20% PAE
Single Supply Voltage:
+5V w/ Optional Gate Bias
50 Ohm Matched Input/Output
16 Lead 3x3mm SMT Package: 9mm2
Electrical Specifications, T
A = +25° C, Vdd = 5V, Vgg1 = Vgg2 = Open
Typical Applications
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
6.5 - 8.0
8.0 - 11.0
11.0 - 13.5
GHz
Gain
10
13
12
14
10
13
dB
Gain Variation Over Temperature
0.02
0.025
0.02
0.025
0.02
0.025
dB/ °C
Input Return Loss
12
15
14
dB
Output Return Loss
12
15
13
dB
Output Power for 1 dB Compression (P1dB)
13
16
15
18
14
17
dBm
Saturated Output Power (Psat)
18.5
20
19.5
dBm
Output Third Order Intercept (IP3)
23
26
26
29
26
29
dBm
Noise Figure
5.0
4.5
4.75
dB
Supply Current (Idd)
90
115
90
115
90
115
mA
Vgg1, Vgg2: Optional Gate Bias
The HMC441LP3 / HMC441LP3E is a medium PA for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• LO Driver for HMC Mixers
• Military EW & ECM


Similar Part No. - HMC441LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LP3 HITTITE-HMC441LP3 Datasheet
255Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
logo
Analog Devices
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
More results

Similar Description - HMC441LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LP3 HITTITE-HMC441LP3 Datasheet
255Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
HMC564 HITTITE-HMC564_09 Datasheet
235Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
Analog Devices
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
HMC383 AD-HMC383 Datasheet
286Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC451LP3 AD-HMC451LP3 Datasheet
310Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com