Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC451LC3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC451LC3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451LC3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC451LC3_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451LC3_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451LC3_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451LC3_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451LC3_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451LC3_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 126
HMC451LC3
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 20 GHz
v04.1208
General Description
Features
Functional Diagram
The HMC451LC3 is an efficient GaAs PHEMT
MMIC Medium Power Amplifier housed in a leadless
RoHS compliant SMT package. Operating between
5 and 20 GHz, the amplifier provides 19 dB of gain,
+21 dBm of saturated power and 21% PAE from a
single +5V supply. This 50 Ohm matched amplifier
does not require any external components and the
RF I/O’s are DC blocked, making it an ideal linear
gain block or driver for HMC SMT mixers. The
HMC451LC3
allows
the
use
of
surface
mount
manufacturing techniques.
Gain: 19 dB
Saturated Power: +21 dBm @ 21% PAE
Output IP3: +30 dBm
Single Supply: +5V @ 114 mA
50 Ohm Matched Input/Output
RoHS Compliant 3 x 3 mm SMT package
Electrical Specifications, T
A = +25° C, Vdd1 = Vdd2 = +5V
Typical Applications
The HMC451LC3 is ideal for use as a medium power
amplifier for:
• Microwave Radio & VSAT
• Military & Space
• Test Equipment & Sensors
• Fiber Optics
• LO Driver for HMC Mixers
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
5 -15
15 - 18
18 - 20
GHz
Gain
16
19
15
18
14
17
dB
Gain Variation Over Temperature
0.015
0.025
0.015
0.025
0.015
0.025
dB/ °C
Input Return Loss
13
13
12
dB
Output Return Loss
12
8
8
dB
Output Power for 1 dB
Compression (P1dB)
16.5
19.5
16
19
16.5
19.5
dBm
Saturated Output Power (Psat)
21
20.5
21
dBm
Output Third Order Intercept (IP3)
32
29
29
dBm
Noise Figure
7
6.5
7
dB
Supply Current (Idd)
114
114
114
mA


Similar Part No. - HMC451LC3_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC451LC3 AD-HMC451LC3_V01 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
v07.0118
More results

Similar Description - HMC451LC3_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC451 HITTITE-HMC451_09 Datasheet
273Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
HMC634 HITTITE-HMC634 Datasheet
291Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com