Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT02 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # CT02
Description  Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

CT02 Datasheet(HTML) 1 Page - ice Components, Ins.

  CT02 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
•SmallestFootprint
•Hi-Pottestedat1,500VAC
•CurrentRatingsto18A
•PatentPending
Mechanical
Schematic
Recommended PCB layout
Applications
•DC/DCConverters
•AC/DCConverters
•POLConverters
Electrical Specifications
units:mm
TopView
Packaging:Reeldiameter:13”,Reelwidth:16mm,Pieces/reel:1000
6.4 MAX
1
2
4
3
6.0 MAX
Dot for pin 1
4.6 MAX
2
4
1
3
Recommended PCB Layout
0.9(X2)
1.6(X2)
1.5
4
3
2
1
1.2(X2)
1.0(X2)
1.95
3.75
1.0(X2)
0.5(X2)
2.1
4.15
2.35
0.6(X2)
0.8(X2) 1
2
3
4
Footprint
Part No.
Turns Ratio
E-T Product
Ls1
Rs2
Current Rating5
Hi-Pot
(V-µs)
(mH, min.)
(Ω, max.)
(A)
(VAC)
CT02-050
1:50
4.0
0.44
1.25
15.0
1500
CT02-100
1:100
8.0
1.8
4.8
18.0
1500
CT02-150
1:150
12.0
4.0
15.0
18.0
1500
CT02-200
1:200
16.0
7.1
25.0
18.0
1500
CT02-250
1:250
20.0
11.1
37.2
18.0
1500
Notes:
1.Testedat10kHz,0.1Vrms.
2.Electricalspecificationsat25°C.
3.Operatingrange:-40°Cto+130°C.Thisisacombinationofambientplustemperaturerise.
4.MeetsUL94V-0.
5.DCcurrentthroughprimary,plusturns-ratio-dividedDCcurrentthroughsecondarywinding,
tocausea40°Ctemperatureriseat25°Cambient.
6.AllproductsareRoHS-compliant.
SideView
CT02 Series
Current Sense Transformer
800.729.2099tel
www.icecomponents.com
(02/08)CT02-1
Specificationssubjecttochangewithoutnotice.


Similar Part No. - CT02

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT02 ICE-CT02 Datasheet
126Kb / 1P
Current Sense Transformer
CT02-050 ICE-CT02-050 Datasheet
126Kb / 1P
Current Sense Transformer
CT02-100 ICE-CT02-100 Datasheet
126Kb / 1P
Current Sense Transformer
CT02-150 ICE-CT02-150 Datasheet
126Kb / 1P
Current Sense Transformer
CT02-200 ICE-CT02-200 Datasheet
126Kb / 1P
Current Sense Transformer
More results

Similar Description - CT02

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
Current Sense Transformer
logo
PCA ELECTRONICS INC.
EPA225 PCA-EPA225 Datasheet
31Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
CURRENT SENSE TRANSFORMER
6/18/96
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
ice Components, Ins.
CT05 ICE-CT05 Datasheet
401Kb / 1P
Current Sense Transformer
logo
Rhombus Industries Inc.
T-20101 RHOMBUS-IND-T-20101 Datasheet
23Kb / 1P
CURRENT SENSE TRANSFORMER
5/10/00
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
CT06-050 ICE-CT06-050 Datasheet
557Kb / 1P
Current Sense Transformer
logo
XFMRS Inc.
XF0203-CSVP XFMRS-XF0203-CSVP Datasheet
38Kb / 1P
Current Sense Transformer
logo
ZETTLER Electronics
ACST-200 ZETTLER-ACST-200 Datasheet
133Kb / 2P
CURRENT SENSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com