Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML-B Datasheet(PDF) 3 Page - Cree, Inc

Part # ML-B
Description  Cree® XLamp® ML-B LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-B Datasheet(HTML) 3 Page - Cree, Inc

  ML-B Datasheet HTML 1Page - Cree, Inc ML-B Datasheet HTML 2Page - Cree, Inc ML-B Datasheet HTML 3Page - Cree, Inc ML-B Datasheet HTML 4Page - Cree, Inc ML-B Datasheet HTML 5Page - Cree, Inc ML-B Datasheet HTML 6Page - Cree, Inc ML-B Datasheet HTML 7Page - Cree, Inc ML-B Datasheet HTML 8Page - Cree, Inc ML-B Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
XLAMP ML-B LEDS
RELATIVE SPECTRAL POWER DISTRIBUTION
RELATIVE FLUX VS. JUNCTION TEMPERATURE (I
F = 80 MA)
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
5000K - 8300K CCT
3500K - 5000K CCT
2600K - 3500K CCT
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
25
50
75
100
125
150
Junction Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com