Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML-E Datasheet(PDF) 2 Page - Cree, Inc

Part # ML-E
Description  Cree® XLamp® ML-E LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-E Datasheet(HTML) 2 Page - Cree, Inc

  ML-E Datasheet HTML 1Page - Cree, Inc ML-E Datasheet HTML 2Page - Cree, Inc ML-E Datasheet HTML 3Page - Cree, Inc ML-E Datasheet HTML 4Page - Cree, Inc ML-E Datasheet HTML 5Page - Cree, Inc ML-E Datasheet HTML 6Page - Cree, Inc ML-E Datasheet HTML 7Page - Cree, Inc ML-E Datasheet HTML 8Page - Cree, Inc ML-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright © 2010, 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
2
XLAMP ML-E LEDS
FLUX CHARACTERISTICS (T
J = 25°C)
The following table provides several base order codes for XLamp ML-E LEDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well
as a complete description of the order-code nomenclature, please consult the XLamp ML-E LED Binning and Labeling
document.
Color
CCT Range
Base Order Codes
Min Luminous Flux
(lm) @ 150 mA
Order Code
Min.
Max.
Group
Flux (lm)
Cool White
5.000 K
8,300K
M3
45.7
MLEAWT-A1-0000-000351
N2
51.7
MLEAWT-A1-0000-000451
Warm White
3,700 K
4,300 K
M2
39.8
MLEAWT-A1-0000-0002E5
M3
45.7
MLEAWT-A1-0000-0003E5
2,800 K
3,200 K
K3
35.2
MLEAWT-A1-0000-0001E7
M2
39.8
MLEAWT-A1-0000-0002E7
Notes:
•
Cree maintains a tolerance of +/- 7% on flux measurements.
•
Typical CRI for Cool White (4,300 K – 8,300 K CCT) is 75.
•
Typical CRI for Warm White (2,600 K – 4,300 K CCT) is 80.
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point
°C/W
11
Viewing angle (FWHM)
degrees
120
Temperature coefficient of voltage
mV/°C
-3
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
mA
150
500
Reverse voltage
V
5
Forward voltage (@ 150 mA)
V
3.2
3.4
LED junction temperature
°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com