Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC461LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC461LP3
Description  InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC461LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC461LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC461LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 253
ACPR vs. Supply Voltage @ 1.96 GHz
CDMA2000, 9 Channels Forward
ACPR vs. Supply Voltage @ 2.14 GHz
W-CDMA, 64 DCPH
Output IP2 vs. Temperature
Specifications and data reflect HMC461LP3 measured with external baluns in a balanced
amplifier configuration optimized for 1.85 - 2.2 GHz per application circuit herein.
Contact HMC Applications for 1.7 - 1.85 GHz performance optimization.
* Source ACPR: All data is RSS corrected for source ACPR. Dashed lines are
shown where corrected data is below source ACPR.
Absolute Maximum Ratings
Collector Bias Voltage (Vcc1, Vcc2)
+6 Vdc
RF Input Power (RFIN)(Vs = +5Vdc)
+30 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 32 mW/°C above 85 °C)
2.08 W
Thermal Resistance
(junction to ground paddle)
31 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
-65
-60
-55
-50
-45
-40
8
1012141618202224
Channel Output Power (dBm)
Source ACPR
CDMA2000 Rev. 8
Frequency: 1.96 GHz
Integration BW: 1.228 MHz
Forward Link, SR1, 9 Channels
5.5V
4.5V
5V
-65
-60
-55
-50
-45
-40
-35
8
10121416182022
24
Channel Output Power (dBm)
Source ACPR
WCDMA
Frequency : 2.14 GHz
Integration BW: 3.84 MHz
64 DPCH
5.5V
4.5V
5V
50
55
60
65
70
75
80
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
HMC461LP3 / 461LP3E
InGaP HBT 1 Watt High IP3
AMPLIFIER, 1.7 - 2.2 GHz
v02.0705
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com