Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4231 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4231
Description  Switching Power Transistor(2A NPN)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4231 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4231 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4231 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Unit : mm
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Case : ITO-220
HFX Series
Switching Power Transistor
2A NPN
2SC4231
(TP2V80HFX)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Junction Temperature
Tj
150
Collector to Base Voltage
VCBO
1200
V
Collector to Emitter Voltage
VCEO
800
V
Emitter to Base Voltage
V
EBO
7
V
Collector Current DC
IC
2
A
Collector Current Peak
ICP
4
Base Current DC
IB
1
A
Base Current Peak
IBP
2
Total Transistor Dissipation
PT
Tc = 25℃
30
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(Recommended torque : 0.3N・m)
0.5
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
IC = 0.1A
Min 800
V
Collector Cutoff Current
I
CBO
At rated Voltage
Max 0.1
mA
ICEO
Max 0.1
Emitter Cutoff Current
IEBO
At rated Voltage
Max 0.1
mA
DC Current Gain
hFE
VCE = 5V, IC = 1A
Min 8
h
FEL
VCE = 5V, IC = 1mA
Min 7
Collector to Emitter Saturation Voltage
VCE(sat)
IC = 1A
Max 1.0
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = 0.2A
Max 1.5
V
Thermal Resistance
θjc
Junction to case
Max 4.16
℃/W
Transition Frequency
fT
V
CE = 10V, IC = 0.2A
TYP 8
MHz
Turn on Time
ton
IC = 1A
Max 0.5
Storage Time
ts
IB1 = 0.2A, IB2 = 0.4A
Max 3.5
μs
Fall Time
tf
RL = 250Ω, VBB2 = 4V
Max 0.3


Similar Part No. - 2SC4231

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4231 ISC-2SC4231 Datasheet
126Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4231 SAVANTIC-2SC4231 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
2SC4231 SAVANTIC-2SC4231 Datasheet
225Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4231H ISC-2SC4231H Datasheet
262Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4231

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Shindengen Electric Mfg...
2SC4230 SHINDENGEN-2SC4230 Datasheet
525Kb / 12P
Switching Power Transistor(2A NPN)
2SC4232 SHINDENGEN-2SC4232 Datasheet
514Kb / 12P
Switching Power Transistor(2A NPN)
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
BUV62A SEME-LAB-BUV62A Datasheet
203Kb / 3P
FAST SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com