Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS75-101 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # GS75-101
Description  Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

GS75-101 Datasheet(HTML) 2 Page - ice Components, Ins.

  GS75-101 Datasheet HTML 1Page - ice Components, Ins. GS75-101 Datasheet HTML 2Page - ice Components, Ins. GS75-101 Datasheet HTML 3Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GS54 Series
Not on disk from Ming
E L E C T R I C A L
S P E C I F I C A T I O n S
G S
7 5
Part number
Inductance
Test Freq.
RDC
IDC
(uH min.)
(MHz)
(Ohms)
(Amps)
GS75-100
10
2.52 MHz
0.070
2.30
GS75-120
12
2.52 MHz
0.080
2.00
GS75-150
15
2.52 MHz
0.090
1.80
GS75-180
18
2.52 MHz
0.100
1.60
GS75-220
22
2.52 MHz
0.110
1.50
GS75-270
27
2.52 MHz
0.120
1.30
GS75-330
33
2.52 MHz
0.130
1.20
GS75-390
39
2.52 MHz
0.160
1.10
GS75-470
47
2.52 MHz
0.180
1.10
GS75-560
56
2.52 MHz
0.240
0.94
GS75-680
68
2.52 MHz
0.280
0.85
GS75-820
82
2.52 MHz
0.370
0.78
GS75-101
100
1.00 KHz
0.430
0.72
GS75-121
120
1.00 KHz
0.470
0.66
GS75-151
150
1.00 KHz
0.640
0.58
GS75-181
180
1.00 KHz
0.710
0.51
GS75-221
220
1.00 KHz
0.960
0.49
GS75-271
270
1.00 KHz
1.110
0.42
GS75-331
330
1.00 KHz
1.260
0.40
GS75-391
390
1.00 KHz
1.770
0.36
GS75-471
470
1.00 KHz
1.960
0.34
ELECTRICAL
SPECIFICA TIO n S
GS
54
Part number
Inductance
Test Freq.
RDC
IDC
(uH min.)
(MHz)
(Ohms)
(Amps)
GS54-100
10
2.52 MHz
0.10
1.44
GS54-120
12
2.52 MHz
0.12
1.40
GS54-150
15
2.52 MHz
0.14
1.30
GS54-180
18
2.52 MHz
0.15
1.23
GS54-220
22
2.52 MHz
0.18
1.11
GS54-270
27
2.52 MHz
0.20
0.97
GS54-330
33
2.52 MHz
0.23
0.88
GS54-390
39
2.52 MHz
0.32
0.80
GS54-470
47
2.52 MHz
0.37
0.72
GS54-560
56
2.52 MHz
0.42
0.68
GS54-680
68
2.52 MHz
0.46
0.61
GS54-820
82
2.52 MHz
0.60
0.58
GS54-101
100
1.00 KHz
0.70
0.52
GS54-121
120
1.00 KHz
0.93
0.48
GS54-151
150
1.00 KHz
1.10
0.40
GS54-181
180
1.00 KHz
1.38
0.38
GS54-221
220
1.00 KHz
1.57
0.35
Surface Mount Power Inductors
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
37
(02/08) GS-2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com