Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC468LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC468LP3
Description  1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC468LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC468LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC468LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC468LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC468LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC468LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC468LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 142
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 4, 8,
9, 10, 12
N/C
These pins should be connected to PCB
RF ground to maximize performance.
2, 11
RF1, RF2
This pin is DC coupled and matched to 50 Ohm.
Blocking capacitors are required
13 - 15
V1 - V3
See truth table and control voltage table.
5 - 7
ACG1 - ACG3
External capacitor to ground is required.
Select value for lowest frequency of operation.
Place capacitor as close to pins as possible.
16
Vdd
Supply Voltage
GND
Package bottom has an exposed metal paddle
that must be connected to RF/DC ground.
Application Circuit
HMC468LP3 / 468LP3E
v03.1107
1 dB LSB GaAs MMIC 3-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 6 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com