Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4236 Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4236
Description  Switching Power Transistor(6A NPN)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4236 Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button 2SC4236 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd 2SC4236 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Forward Bias SOA
0.01
0.1
1
10
1
10
100
2SC4236
50
µs
Tc = 25
°C
Single Pulse
150
µs
1ms
10ms
DC
12
800
Collector-Emitter Voltage VCE [V]
PT limit
IS/B limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com