Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952003 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS952003
Description  Programmable Timing Control Hub??for P4??processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS952003 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS952003 Datasheet HTML 5Page - Integrated Device Technology ICS952003 Datasheet HTML 6Page - Integrated Device Technology ICS952003 Datasheet HTML 7Page - Integrated Device Technology ICS952003 Datasheet HTML 8Page - Integrated Device Technology ICS952003 Datasheet HTML 9Page - Integrated Device Technology ICS952003 Datasheet HTML 10Page - Integrated Device Technology ICS952003 Datasheet HTML 11Page - Integrated Device Technology ICS952003 Datasheet HTML 12Page - Integrated Device Technology ICS952003 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS952003
Preliminary Product Review
Byte 17: Output Divider Control Register
Table 1
Table 2
)
2
:
3
(
v
i
D
0
01
00
11
1
)
0
:
1
(
v
i
D
0
02
/4
/8
/6
1
/
1
03
/6
/2
1
/4
2
/
0
15
/0
1
/0
2
/0
4
/
1
17
/4
1
/8
2
/6
5
/
)
2
:
3
(
v
i
D
0
01
00
11
1
)
0
:
1
(
v
i
D
0
04
/8
/6
1
/2
3
/
1
03
/6
/2
1
/4
2
/
0
15
/0
1
/0
2
/0
4
/
1
17
/4
1
/8
2
/6
5
/
Byte 18: Group Skew Control Register
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
w
e
k
S
_
U
P
C1
)
0
:
1
(
C
/
T
K
L
C
U
P
C
e
h
t
y
a
l
e
d
s
t
i
b
2
e
s
e
h
T
.
s
k
c
o
l
c
r
e
h
t
o
ll
a
o
t
t
c
e
p
s
e
r
h
t
i
w
s
k
c
o
l
c
s
p
0
5
2
=
1
0
s
p
0
=
0
0s
p
0
5
7
=
1
1
s
p
0
0
5
=
0
1
6
t
i
B0
w
e
k
S
_
U
P
C1
5
t
i
B1
w
e
k
S
_
D
S0
o
t
t
c
e
p
s
e
r
h
t
i
w
M
A
R
D
S
e
h
t
y
a
l
e
d
s
t
i
b
2
e
s
e
h
T
K
L
C
U
P
C
s
p
0
5
7
=
1
1
s
p
0
0
5
=
0
1
s
p
0
5
2
=
1
0
s
p
0
=
0
0
4
t
i
B0
w
e
k
S
_
D
S0
3
t
i
B)
d
e
v
r
e
s
e
R
(0
)
d
e
v
r
e
s
e
R
(
2
t
i
B2
S
F
2
L
L
P0
)
w
o
l
e
b
e
l
b
a
t
y
c
n
e
u
q
e
r
f
e
e
S
(
1
t
i
B1
S
F
2
L
L
P0
0
t
i
B0
S
F
2
L
L
P0
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BV
N
I
_
P
G
A0
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
P
G
A
6
t
i
BV
N
I
_
K
L
C
Z0
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
K
L
C
Z
5
t
i
BV
N
I
_
D
S0
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
M
A
R
D
S
4
t
i
BV
N
I
_
U
P
C0
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
K
L
C
U
P
C
3
t
i
B3
v
i
D
I
C
PX
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
I
C
P
s
t
i
b
4
e
s
e
h
t
a
i
v
d
e
r
u
g
i
f
n
o
c
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
t
a
t
l
u
a
f
e
D
.
2
e
l
b
a
t
o
t
r
e
f
e
r
e
l
b
a
t
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
2
t
i
B2
v
i
D
I
C
PX
1
t
i
B1
v
i
D
I
C
PX
0
t
i
B0
v
i
D
I
C
PX
B18 bit2 B18 bit1 B18 bit0
VCO
SDRAM
ZCLK
AGP
PCI
0
0
0
Refer to Byte 0, bit 2, 7:4
0
0
1
PLL1&2
PLL1
75.40
66.00
33.00
0
1
0
PLL1&2
PLL1
88.00
75.40
37.70
0
1
1
PLL2
132.00
66.00
66.00
33.00
1
0
0
PLL2
132.00
75.40
66.00
33.00
1
0
1
PLL2
132.00
75.40
75.40
37.70
1
1
0
PLL2
132.00
88.00
75.40
37.70
1
1
1
PLL2
132.00
88.00
88.00
44.00
FrequencyTable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com