Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 1 Page - Emerson Network Power

Part # IMP
Description  Intelligent MP Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP Datasheet(HTML) 1 Page - Emerson Network Power

  IMP Datasheet HTML 1Page - Emerson Network Power IMP Datasheet HTML 2Page - Emerson Network Power IMP Datasheet HTML 3Page - Emerson Network Power IMP Datasheet HTML 4Page - Emerson Network Power IMP Datasheet HTML 5Page - Emerson Network Power IMP Datasheet HTML 6Page - Emerson Network Power IMP Datasheet HTML 7Page - Emerson Network Power IMP Datasheet HTML 8Page - Emerson Network Power IMP Datasheet HTML 9Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.08.04.11_77
iMP Series
1 of 9
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Electrical Specifications
Font: Minion Bold f
or MP
Minion italic for i ;
size f
or each is the same
Created on Mac
Color:"i" 100% Blue
, 5
0% Magenta
0% Yellow, 0
% Black
"MP" - 100% Black
®
Input
Input range:
85 - 264 Vac 120 - 350 Vdc
(limited to 300 Vdc in medical applications)
Frequency:
47 - 440 Hz
Inrush current:
40 A peak max. (soft start)
Efficiency:
Up to 85% @ full case load
Power Factor:
0.99 typ. meets EN61000-3-2 (n/a @ 440 Hz)
Turn-on time:
AC on 2.0 sec typ., inhibit/enable 150 ms typical
Programmable delay; 50 ms internal turn-on delay (Dual Output only)
EMI filter:
CISPR 22/EN55022 Level “B”**
Leakage current:
300 µA max. @ 240 Vac; 47 - 63 Hz
Radiated EMI:
CISPR 22/EN55022 Level “B”**
Holdover storage:
20 ms minimum (independent of input Vac) additional 34ms holdover
storage with optional HUP module
(SEMI F47 compatible). For iMP4 15 ms (low-line), 10 ms (high-line)
AC OK:
> 5 ms early warning min. before outputs lose regulation
Full cycle ride thru (50 Hz) (n/a on iMP4 > 750 W @ 90 Vac)
Harmonic distortion:
Meets EN61000-3-2
Isolation:
Meets EN60950 and EN60601
Global Inhibit/Enable: TTL, Logic “1” and Logic “0”; configurable
Input fuse (internal):
iMP4: 16 A; iMP8: 20 A; iMP1: 25 A (both lines fused)
Warranty:
2 years
Intelligent MP
Series
Up to 1500 Watts
Special Features
• Full Medical EN60601 approval
• IntelligentI2C control
• Voltageadjustmentonalloutputs
(Manual or I2C)
• Configurableinputandoutput
(case and module) OK signals and
indicators
• Configurableinhibit/enable
• Configurableoutput
UP/DOWN sequencing
• Configurablecurrentlimit
(foldback or constant current)
• Highpowerdensity(8.8W/cu-in)
• Intelligentfan
(speed control/fault status)
• DownloadableGUIfromwebsite
• Customerprovidedairoption
• uPcontrolledPFCinputwithactive
inrush protection
• I2C monitor of voltage, current, and
temp
• Programmablevoltage,currentlimit,
inhibit/enable through I2C
• Optionalextendedhold-upmodule
(SEMI F47 compliance)
• Increasedpowerdensityto50%over
standard MP
• Externalswitchingfrequencysync
input
• Optionalconformalcoating
• Industrialtemprange(-40ºC to 70 ºC)
• Nopreloadrequired
• Industrialshock/vibration(>50G’s)
Total Power: Up to 1500 Watts
Input Voltage: 85 - 264 Vac
120-300 Vdc
# of Outputs: Up to 21
Safety
• UL
UL60950/UL2601**
• CSA
CSA22.2 No. 234 Level 5
• VDE
EN60950/EN60601-1**
• BABT
Compliance to
EN60950/EN60601 BS7002
• CB
Certificate and report
• CE
Mark to LVD


Similar Part No. - IMP

ManufacturerPart #DatasheetDescription
logo
Power-One
IMP POWER-ONE-IMP Datasheet
72Kb / 4P
1...12 Watt DC-DC Converters
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP Datasheet
2Mb / 8P
Intelligent MP
logo
ORION FANS
IMP-154-22 ORIONFANS-IMP-154-22 Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - IMP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
Intelligent MP
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
關MP Series
logo
EPCOS
B72220P3381K101 EPCOS-B72220P3381K101 Datasheet
289Kb / 11P
Leaded Varistors SuperioR-MP series
logo
Amphenol Corporation
SD2941-10 AMPHENOL-SD2941-10 Datasheet
562Kb / 3P
Luminus MP Series
SJS840400 AMPHENOL-SJS840400 Datasheet
562Kb / 3P
Luminus MP Series
SJS840410 AMPHENOL-SJS840410 Datasheet
562Kb / 3P
Luminus MP Series
logo
Crydom Inc.,
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
logo
M-System Co.,Ltd.
MPHLS MSYSTEM-MPHLS Datasheet
194Kb / 5P
Remote I/O MP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com