Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

491LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 491LP3E
Description  GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

491LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  491LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 491LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 128
Bypass Mode
Insertion Loss vs. Temperature
Bypass Mode
Broadband Insertion Loss & Return Loss
-5
-4
-3
-2
-1
0
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
2.8
3
3.2
3.4
3.6
3.8
4
S21
S11
S22
FREQUENCY (GHz)
LNA Mode
Output P1dB vs. Temperature
LNA Mode
Psat vs. Temperature
LNA Mode
Input IP3 vs. Temperature
LNA Mode Gain, Noise Figure & Supply
Current vs. Supply Voltage @ 3.6 GHz
0
2
4
6
8
10
12
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-4
-2
0
2
4
6
3.4
3.5
3.6
3.7
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
14
18
22
0
2
4
6
8
10
12
2.7
2.8
2.9
3
3.1
3.2
3.3
Gain
Noise Figure
Idd
Vdd (Vdc)
HMC491LP3 / 491LP3E
GaAs MMIC LOW NOISE AMPLIFIER
w/ BYPASS MODE, 3.4 - 3.8 GHz
v03.1206



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com