Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC495LP3 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC495LP3
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC495LP3 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC495LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 10Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
10
10 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Cellular CDMA @ 880 MHz
ACPR @ 885 kHz, Vcc= 3.3V, Vdc= 1.15V
PCS CDMA @ 1960 MHz
ACPR @ 885 kHz, Vcc= 3.3V, Vdc= 1.15V
W-CDMA @ 1960 MHz
ACPR @ 3.84 MHz, Vcc= 3.3V, Vdc= 1.15V
W-CDMA @ 2140 MHz
ACPR @ 3.84 MHz, Vcc= 3.3V, Vdc= 1.15V
-100
-90
-80
-70
-60
-50
-40
-30
-20
879
879.3
879.5
879.8
880
880.3
880.5
880.8
881
FREQUENCY (MHz)
CP = -15dBm
ACPR = -72.3dBc
CP = -15dBm
ACPR = -72dBc
-100
-90
-80
-70
-60
-50
-40
-30
-20
1959
1959.25 1959.5 1959.75
1960
1960.25 1960.5 1960.75
1961
FREQUENCY (MHz)
CP = -18.42dBm
ACPR = -71.5dBc
CP = -18.42dBm
ACPR = -71.5dBc
-100
-90
-80
-70
-60
-50
-40
-30
-20
1955
1956
1957
1958
1959
1960
1961
1962
1963
1964
1965
FREQUENCY (MHz)
CP = -17.3dBm
ACPR = -59.7dBc
CP = -17.3dBm
ACPR = -59.8dBc
-100
-90
-80
-70
-60
-50
-40
-30
-20
2135
2136
2137
2138
2139
2140
2141
2142
2143
2144
2145
FREQUENCY (MHz)
CP = -14.4Bm
ACPR = -59.2dBc
CP = -14.4dBm
ACPR = -59.8dBc
Note 1: W-CDMA (Modulation Set-up for ACPR Mode); The Baseband I and Q input signals were generated using “Test Model 1
with 64 channels” settings in the Agilent E3844C.
Note 2: CDMA (Modulation Set-up for ACPR Mode); The Baseband I and Q input signals were generated using the “9 channels
forward” settings in the Agilent E3844C (pilot, paging, sync and 6 traffic channels).
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 250 - 3800 MHz
v02.0705
HMC495LP3 / 495LP3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com