Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC496LP3 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC496LP3
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC496LP3 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC496LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC496LP3 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 7
Pin Number
Function
description
interface schematic
1, 4, 9, 12
GNd
these pins and the ground paddle must be connected
to a high quality rF/dc ground.
2, 3
loP, loN
differential lo input ports. this device may be driven in either
differential or single ended mode. in single ended mode, one
port should be driven by the lo source while the other port may
be terminated with a 50Ω resistor to ground.
5, 8, 13
N/c
No connection required. these pins may be connected to rF/
dc ground without affecting performance.
6, 7
qN, qP
differential quadrature baseband input. these are high
impedance ports. the nominal recommended bias voltage is
between 1.2 - 1.4V. the nominal recommended baseband input
voltage is 1.2V peak to peak differential. By adjusting the dc
bias voltage on ports qN & qP, the carrier suppression of the
device can be optimized for a specific frequency band and lo
power level. the typical offset voltage for optimization is less
than 15 mV.
the amplitude and phase difference between the i and q inputs
can be adjusted in order to optimize the sideband suppression
for a specific frequency band and lo power level.
10, 11
rFN, rFP
rF output port. this port is matched to 50 ohms.
a series capacitor should be connected to this port in
order to prevent the dc supply voltage from appearing
on the customer’s Pc board.
14, 15
iP, iN
differential quadrature baseband input. these are high
impedance ports. the nominal recommended bias voltage is
between 1.2 - 1.4V. the nominal recommended baseband input
voltage is 1.2V peak to peak differential. By adjusting the dc
bias voltage on ports iN & iP, the carrier suppression of the
device can be optimized for a specific frequency band and lo
power level. the typical offset voltage for optimization is less
than 15 mV.
the amplitude and phase difference between the i and q inputs
can be adjusted in order to optimize the sideband suppression
for a specific frequency band and lo power level.
16
Vcc
supply voltage. set to 3.0V for nominal operation. the nominal
current for this port is 93 ma.
Pin Descriptions
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 4 - 7 GHz
v05.0811
HMC496LP3 / 496LP3E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com