Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC497LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC497LP4
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC497LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC497LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 25
Electrical Specifications, (continued)
Parameter
Conditions
Min.
Typ.
Max.
Units
RF Output
RF Frequency Range
100
4000
MHz
RF Return Loss
15
dB
LO Input
LO Frequency Range
100
4000
MHz
LO Input Power
-6
0
+6
dBm
LO Port Return Loss
15
dB
Baseband Input Port
Baseband Port Bandwidth
3 dB Bandwidth with 50
Ω source.
DC
700
MHz
Baseband Input DC Voltage (Vbbdc)
+1.4
+1.5
+1.6
V
Baseband Input DC Bias Current (Ibbdc)
Single-ended.
90
μA
Single-ended Baseband Input Capacitance
De-embed to the lead of the device.
4.5
pF
DC Power Requirements
See Test Conditions Below
Supply Voltage (Vcc1, Vcc2)
+4.5
+5.0
+5.5
V
Supply Current (Icc1, Icc2)
168
mA
Parameter
Condition
Temperature
+25 °C
Baseband Input Frequency
200 kHz
Baseband Input DC Voltage (Vbbdc)
+1.5V
Baseband Input AC Voltage
(Peak to Peak Differential, I and Q)
1.6V
Baseband Input AC Voltage for OIP3 Measurement
(Peak to Peak Differential, I and Q)
800 mV per tone @ 150 & 250 kHz
Frequency Offset for Output Noise Measurements
20 MHz
Supply (Vcc1, Vcc2)
+5.0V
LO Input Power
0 dBm
LO Input Mode
Single-Ended through LON
Mounting Configuration
Refer to HMC497LP4 Application Schematic Herein
Sideband & Carrier Feedthrough
Uncalibrated
Test Conditions: Unless Otherwise Specified, the Following Test Conditions Were Used
Calibrated vs. Uncalibrated Test Results
During the Uncalibrated Sideband and Carrier Suppression tests, care is taken to ensure that the I/Q signal paths from
the Vector Signal Generator (VSG) to the Device Under Test (DUT) are equal. The “Uncalibrated, +25 °C” Sideband
and Carrier Suppression plots were measured at room temperature, while the “Uncalibrated, over Temperature”
Sideband and Carrier Suppression plots represent the worst case uncalibrated suppression levels measured at T=
-40 °C, +25 °C, and +85 °C.
The “Calibrated, + 25 °C” Sideband Suppression data was plotted after a manual adjustment of the I/Q amplitude
balance and I/Q phase offset (skew) at +25 °C, and at each LO input power level. The +25 °C adjustment settings
were held constant during tests over temperature. The “Calibrated, over Temperature” plots represent the worst case
calibrated Sideband Suppression levels at T= -40 °C, +25 °C, and +85 °C.
The “Calibrated, +25 °C” Carrier Suppression data was plotted after a manual adjustment of the Ip/In & Qp/Qn DC
offsets at +25 °C, and at each LO input power level. The +25 °C adjustment settings were held constant during tests
over temperature. The “Calibrated, over Temperature” plots represent the worst case Carrier Suppression levels
measured at T= -40 °C, +25 °C, and +85 °C.
HMC497LP4 / 497LP4E
v04.1108
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 100 - 4000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com