Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC496LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC496LP3E
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC496LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC496LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC496LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 2
Electrical Specifications, (continued)
Parameter
conditions
min.
typ.
max.
units
RF Output
rF Frequency range
4.0
7.0
GHz
rF return loss
8
dB
LO Input
lo Frequency range
4.0
7.0
GHz
lo input Power
-3
+3
+9
dBm
lo Port return loss
10
dB
Baseband Input Port (Note 1)
Baseband Port Bandwidth
With 50Ω source & external 10 pF shunt cap to ground.
refer to Hmc496lP3 application circuit.
dc
250
mHz
Baseband input dc Voltage (Vbbdc)
this parameter can be varied in order to optimize
the device performance over temperature and/or supply.
1.0
1.3
1.6
V
Baseband input dc Bias current (ibbdc)
single-ended
32
µa
Baseband input capacitance
single-ended. de-embeded to the part pin.
0.8
pF
DC Power Requirements
see test conditions Below
supply Voltage (Vcc)
2.7
3.0
3.3
V
supply current (icc)
93
ma
Test Conditions: Unless Otherwise Specified, the Following Test Conditions Were Used
calibrated vs. uncalibrated test results
during the uncalibrated sideband and carrier suppression tests, care is taken to ensure that the i/q signal paths from
the Vector signal Generator (VsG) to the device under test (dut) are equal. the “uncalibrated, +25 °c” sideband
and carrier suppression plots were measured at room temperature, while the “uncalibrated, over temperature”
sideband and carrier suppression plots represent the worst case uncalibrated suppression levels measured at t=
-40 °c, +25 °c, and +85 °c.
the “calibrated, +25 °c” sideband suppression data was plotted after a manual adjustment of the i/q amplitude
balance and i/q phase offset (skew) at +25c, and an lo input power level of + 3 dBm. this adjustment setting was
held constant during tests over lo input power level and temperature. the “calibrated, over temperature” plots
represent the worst case calibrated sideband suppression levels at t= -40 °c, +25 °c, and +85 °c.
the “calibrated, +25 °c” carrier suppression data was plotted after a manual adjustment of the ip/in & qp/qn dc
offsets at +25 °c, and an lo input power level of + 3 dBm. this adjustment setting was held constant during tests
over lo input power level and temperature. the “calibrated, over temperature” plots represent the worst case carrier
suppression levels measured at t= -40 °c, +25 °c, and +85 °c.
Parameter
condition
temperature
+25 °c
Baseband input Frequency
200 kHz
Baseband input dc Voltage (Vbbdc)
1.3V
Baseband input ac Voltage
(Peak to Peak differential, i and q)
1.2V
Baseband input ac Voltage for oiP3 measurement (Peak to Peak differential, i and q)
600 mV per tone @ 150 & 250 kHz
Frequency offset for output Noise measurements
20 mHz
supply
+3.0V
lo input Power
+3 dBm
lo input mode
single-ended
mounting configuration
refer to Hmc496lP3 application schematic Herein
sideband & carrier suppression
uncalibrated
rF output mode
differential
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 4 - 7 GHz
v05.0811
HMC496LP3 / 496LP3E
Note 1: When I leads Q, the output spectrum results in lower sideband as the desired signal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com