Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC26901 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC26901
Description  28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26901 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC26901 Datasheet HTML 17Page - Micrel Semiconductor MIC26901 Datasheet HTML 18Page - Micrel Semiconductor MIC26901 Datasheet HTML 19Page - Micrel Semiconductor MIC26901 Datasheet HTML 20Page - Micrel Semiconductor MIC26901 Datasheet HTML 21Page - Micrel Semiconductor MIC26901 Datasheet HTML 22Page - Micrel Semiconductor MIC26901 Datasheet HTML 23Page - Micrel Semiconductor MIC26901 Datasheet HTML 24Page - Micrel Semiconductor MIC26901 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Micrel, Inc.
MIC26901
July 2011
21
M9999-071311-A
The process of sizing the ripple injection resistor and
capacitors is:
Step 1.
Select Cff to feed all output ripples into the
feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is 1nF to
100nF if R1 and R2 are in kΩ range.
Step 2.
Select Rinj according to the expected feedback
voltage ripple using Equation 22:
D)
(1
D
f
V
ΔV
K
SW
IN
FB(pp)
div
−
×
×
×
=
τ
Eq. 21
Then the value of Rinj is obtained as:
1)
K
1
(
(R1//R2)
R
div
inj
−
×
=
Eq. 22
Step 3.
Select Cinj as 100nF, which could be considered
as short for a wide range of the frequencies.
Setting Output Voltage
The MIC26603 requires two resistors to set the output
voltage as shown in Figure 7.
The output voltage is determined by Equation 23:
)
R2
R1
(1
V
V
FB
OUT
+
×
=
Eq. 23
where VFB = 0.8V.
A typical value of R1 can be between 3kΩ and 10kΩ. If
R1 is too large, it may allow noise to be introduced into
the voltage feedback loop. If R1 is too small, it will
decrease the efficiency of the power supply, especially
at light loads. Once R1 is selected, R2 can be calculated
using:
FB
OUT
FB
V
V
R1
V
R2
−
×
=
Eq. 24
Figure 6. Voltage-Divider Configuration
In addition to the external ripple injection added at the
FB pin, internal ripple injection is added at the inverting
input of the comparator inside the MIC26901, as shown
in Figure 8. The inverting input voltage VINJ is clamped to
1.2V. As VOUT is increased, the swing of VINJ will be
clamped. The clamped VINJ reduces the line regulation
because it is reflected as a DC error on the FB terminal.
Therefore, the maximum output voltage of the MIC26901
should be limited to 5.5V to avoid this problem.
Figure 7. Internal Ripple Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com