Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

508LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 508LP5E
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

508LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  508LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 508LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 508LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 508LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 508LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 508LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC508LP5 / 508LP5E
MMIC VCO w/ HALF FREQUENCY
OUTPUT 7.3 - 8.2 GHz
v04.0811
General Description
Features
Functional Diagram
The HMC508LP5 & HMC508LP5E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC
VCOs. The HMC508LP5 & HMC508LP5E integrate
resonators, negative resistance devices, varactor
diodes and feature a half frequency output. The VCO’s
phase noise performance is excellent over temper-
ature, shock, and process due to the oscillator’s
monolithic structure. Power output is +15 dBm typical
from a +5V supply. The voltage controlled oscillator
is packaged in a leadless QFN 5x5 mm surface
mount package, and requires no external matching
components.
Dual Output: Fo = 7.3 - 8.2 GHz
Fo/2 = 3.65 - 4.1 GHz
Pout: +15.0 dBm
Phase Noise: -116 dBc/Hz @100 kHz Typ.
No External Resonator Needed
32 Lead 5x5mm SMT Package: 25mm²
Typical Applications
Low noise MMIC VCO w/Half Frequency, for:
• VSAT Radio
• Point to Point/Multi-Point Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
7.3 - 8.2
3.65 - 4.1
GHz
GHz
Power Output
RFOUT
RFOUT/2
+12
+4
+17
+10
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-116
dBc/Hz
Tune Voltage
Vtune
2
13
V
Supply Current (Icc) (Vcc = +5.0V)
200
240
280
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
2
dB
Harmonics/Subharmonics
1/2
2nd
3rd
40
20
35
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
8
MHz pp
Pushing @ Vtune= 5V
10
MHz/V
Frequency Drift Rate
1.0
MHz/°C


Similar Part No. - 508LP5E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
508 MARL-508 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
logo
Aries Electronics, Inc.
508 ARIES-508 Datasheet
814Kb / 1P
Compatible with Automatic Insertion Equipment
logo
Littelfuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
Lead-Free 3AB Fuse
logo
France Joint
508 FRANCEJOINT-508 Datasheet
728Kb / 4P
PISTON SEALS
logo
Premier Farnell Limited...
508-366A-T DURATOOL-508-366A-T Datasheet
110Kb / 1P
Spare Tip
01/04/13 V1.0
More results

Similar Description - 508LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC507LP5 HITTITE-HMC507LP5 Datasheet
369Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC508LP5 HITTITE-HMC508LP5 Datasheet
355Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC507LP5 HITTITE-HMC507LP5_11 Datasheet
454Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC736LP4 HITTITE-HMC736LP4_10 Datasheet
372Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Analog Devices
HMC529LP5 AD-HMC529LP5 Datasheet
376Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC583LP5 AD-HMC583LP5 Datasheet
368Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC508LP5 AD-HMC508LP5 Datasheet
363Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com