Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC511LP5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC511LP5
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC511LP5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC511LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC511LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC511LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC511LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC511LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC511LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC511LP5 / 511LP5E
MMIC VCO w/ HALF FREQUENCY
OUTPUT 9.05 - 10.15 GHz
v04.0811
General Description
Features
Functional Diagram
The HMC511LP5 & HMC511LP5E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs.
The HMC511LP5 & HMC511LP5E integrate resonators,
negative resistance devices, varactor diodes and
feature a half frequency output. The VCO’s phase
noise performance is excellent over temperature,
shock, and process due to the oscillator’s monolithic
structure. Power output is +13 dBm typical from a +5V
supply. The voltage controlled oscillator is packaged
in a leadless QFN 5x5 mm surface mount package,
and requires no external matching components.
Dual Output: Fo = 9.05 - 10.15 GHz
Fo/2 = 4.525 - 5.075 GHz
Pout: +13 dBm
Phase Noise: -115 dBc/Hz @100 kHz Typ.
No External Resonator Needed
32 Lead 5x5mm SMT Package: 25mm²
Typical Applications
Low noise MMIC VCO w/Half Frequency, for:
• VSAT Radio
• Point to Point/Multi-Point Radio
• Test Equipment & Industrial Controls
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
9.05 - 10.15
4.525 - 5.075
GHz
GHz
Power Output
RFOUT
RFOUT/2
+9
+5
+16
+11
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-115
dBc/Hz
Tune Voltage
Vtune
2
13
V
Supply Current (Icc) (Vcc = +5.0V)
200
265
300
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
2
dB
Harmonics/Subharmonics
1/2
2nd
3rd
38
15
30
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
8
MHz pp
Pushing @ Vtune= 5V
15
MHz/V
Frequency Drift Rate
0.9
MHz/°C


Similar Part No. - HMC511LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC511LP5 HITTITE-HMC511LP5 Datasheet
356Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
logo
Analog Devices
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
logo
Hittite Microwave Corpo...
HMC511LP5E HITTITE-HMC511LP5E Datasheet
356Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
logo
Analog Devices
HMC511LP5E AD-HMC511LP5E Datasheet
416Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results

Similar Description - HMC511LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC507LP5 HITTITE-HMC507LP5 Datasheet
369Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC511LP5 HITTITE-HMC511LP5 Datasheet
356Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC507LP5 HITTITE-HMC507LP5_11 Datasheet
454Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC736LP4 HITTITE-HMC736LP4_10 Datasheet
372Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Analog Devices
HMC529LP5 AD-HMC529LP5 Datasheet
376Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC583LP5 AD-HMC583LP5 Datasheet
368Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com