Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511LP5E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 511LP5E
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

511LP5E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  511LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 511LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 511LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 511LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 511LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 511LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 5
Pin Number
Function
Description
Interface Schematic
1 - 4, 6 - 10,
13 - 18, 20, 22 -
28, 30 - 32
N/C
No Connection. These pins may be connected to RF/
DC ground. Performance will not be affected.
12
RFOUT/2
Half frequency output (AC coupled).
19
RFOUT
RF output (AC coupled).
21
Vcc
Supply Voltage, +5V
29
VTUNE
Control Voltage Input. Modulation port bandwidth
dependent on drive source impedance.
5, 11 Paddle
GND
Package bottom has an exposed metal paddle
that must be connected to RF/DC ground.
Pin Descriptions
HMC511LP5 / 511LP5E
v04.0811
MMIC VCO w/ HALF FREQUENCY
OUTPUT 9.05 - 10.15 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com