Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC521
Description  GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC521 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC521 Datasheet HTML 1Page - Hittite Microwave Corporation HMC521 Datasheet HTML 2Page - Hittite Microwave Corporation HMC521 Datasheet HTML 3Page - Hittite Microwave Corporation HMC521 Datasheet HTML 4Page - Hittite Microwave Corporation HMC521 Datasheet HTML 5Page - Hittite Microwave Corporation HMC521 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 101
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
Input P1dB vs. Temperature
Conversion Gain vs. LO Drive
Image Rejection vs. Temperature
Return Loss
Input IP3 vs. LO Drive
Data Taken As IRM With External IF Hybrid
-20
-15
-10
-5
0
8
9
10
11
12
13
14
+25C
+85C
-55C
RF FREQUENCY (GHz)
0
10
20
30
40
50
60
8
9
10
11
12
13
14
+25C
+85C
-55C
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
13
14
+13 dBm
+15 dBm
+17 dBm
+19 dBm
RF FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
RF
LO
FREQUENCY (GHz)
0
4
8
12
16
20
8
9
10
11
12
13
14
+25C
+85C
-55C
RF FREQUENCY (GHz)
5
10
15
20
25
30
35
8
9
10
11
12
13
14
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
HMC521LC4
v03.0709
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com