Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP08 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP08
Description  SMT High Current Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP08 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP08 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
• Low Cost Design
• High saturation current of 45A
• Designed for frequencies up to 1MHz
• Suitable for pick and place applica-
tions
Mechanical
Schematic
Recommended PCb layout
Applications
• Voltage Regulator Modules (VRMs)
• High Frequency, High Current
Switching Power Supplies
• Synchronous Buck DC/DC
Converters
Electrical Specifications
units: mm
Side View
Top View
Packaging Reel diameter: 13”, Reel Width: 24 mm, Pieces/Reel: 600
LP08-XXX
YYWW
LP08-XXX
YYWW
10.92 MAX
����
����
����
S
F
Part
Inductance
1
DCR
Idc
5
Isat
6
Number
(nH, ±15%)
(m
Ω, ± 8%)
(A)
(A)
LP08-211
210
0.58
38
45
LP08-271
270
0.58
38
35
LP08-331
330
0.58
38
31
1. Tested at 1.0 MHz, 0.1 Vrms.
2. Electrical specifications at 25ºC.
3. Operating range: -40ºC to +130ºC.
4. Meets UL 94V-0.
5. Idc is DC current required to produce a
temperature rise of 40ºC.
6. Isat is the DC current required to
reduce the nominal inductance by 15%.
LP08 Series
SMT High Current Inductors
15
(02/08) LP08-1


Similar Part No. - LP08

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP08 ICE-LP08 Datasheet
169Kb / 1P
SMT High Current Inductors
logo
Altech corporation
LP08 ALTECH-LP08 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
ice Components, Ins.
LP08-211 ICE-LP08-211 Datasheet
169Kb / 1P
SMT High Current Inductors
LP08-271 ICE-LP08-271 Datasheet
169Kb / 1P
SMT High Current Inductors
LP08-331 ICE-LP08-331 Datasheet
169Kb / 1P
SMT High Current Inductors
More results

Similar Description - LP08

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP03 ICE-LP03 Datasheet
309Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05 Datasheet
214Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06 Datasheet
233Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07 Datasheet
127Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08 Datasheet
169Kb / 1P
SMT High Current Inductors
LP03 ICE-LP03_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP05 ICE-LP05_08 Datasheet
148Kb / 1P
SMT High Current Inductors
LP06 ICE-LP06_08 Datasheet
176Kb / 1P
SMT High Current Inductors
LP07 ICE-LP07_08 Datasheet
135Kb / 1P
SMT High Current Inductors
logo
List of Unclassifed Man...
PM2120-470K ETC2-PM2120-470K Datasheet
134Kb / 1P
SMT High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com