Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC535LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC535LP4E
Description  PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC535LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC535LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC535LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 170
Evaluation PCB
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads and backside ground paddle should be connected directly
to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top
and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation
circuit board shown is available from Hittite upon request.
HMC535LP4 / 535LP4E
v01.1009
PHASE-LOCKED OSCILLATOR,
14.7 - 15.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com