Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC541LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC541LP3
Description  10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC541LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC541LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC541LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC541LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC541LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC541LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC541LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 176
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC541LP3 / 541LP3E
10 dB GaAs MMIC 1-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
v01.1005
Functional Diagram
Electrical Specifications,
T
A = +25° C, With Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
The HMC541LP3 / HMC541LP3E is ideal for both RF
and IF applications:
• Cellular Infrastructure
• ISM, MMDS, WLAN, WiMAX, WiBro
• Microwave Radio & VSAT
• Test Equipment and Sensors
± 0.2 dB Typical Step Error
Low Insertion Loss: 1 dB
High IP3: +50 dBm
Single Control Line
TTL/CMOS Compatible Control
Single +5V Supply
3x3 mm SMT Package
The HMC541LP3 & HMC541LP3E are broadband
1-bit GaAs IC digital attenuators in low cost lead-
less surface mount packages. This single posi-
tive control line digital attenuator utilizes off chip
AC
ground
capacitors
for
near
DC
operation,
making it suitable for a wide variety of RF and IF
applications. Covering DC to 5 GHz, the insertion
loss is less than 1 dB typical. Attenuation accuracy
is excellent at ± 0.2 dB typical step error. The attenu-
ator also features a high IIP3 of +50 dBm. One TTL/
CMOS control input is used to select the attenuation
state. A single Vdd bias of +5V is required.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
2.0 - 3.5 GHz
3.5 - 5.0 GHz
0.5
1.0
2.0
0.8
1.3
2.3
dB
dB
dB
Attenuation Range
DC - 5 GHz
10
dB
Return Loss (RF1 & RF2, All Atten. States)
DC - 2.5 GHz
2.5 - 5.0 GHz
25
15
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
DC - 5 GHz
± 0.4 Max.
dB
Input Power for 0.1 dB Compression
0.1 - 5.0 GHz
27
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
0.1 - 5.0 GHz
50
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 5 GHz
20
23
ns
ns
Typical Applications
Features
General Description


Similar Part No. - HMC541LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC541LP3 HITTITE-HMC541LP3 Datasheet
265Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.0 GHz
HMC541LP3E HITTITE-HMC541LP3E Datasheet
265Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.0 GHz
More results

Similar Description - HMC541LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC541LP3 HITTITE-HMC541LP3 Datasheet
265Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.0 GHz
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC802ALP3E AD-HMC802ALP3E Datasheet
532Kb / 6P
20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com