Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

541LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 541LP3E
Description  10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

541LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  541LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5
5 - 178
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Control Voltage
Bias Voltage & Current
Vdd = +5.0 Vdc ± 10%
Vdd
(VDC)
Idd (Typ.)
(mA)
+4.5
1.3
+5.0
1.5
+5.5
1.7
State
Bias Condition
Low
0 to +0.8V @ -5 uA Typ.
High
+2.0 to + 5.0 Vdc @ 40 uA Typ.
Note: Vdd = +5V
Control Voltage Input
Attenuation State
RF1 - RF2
V1
10 dB
High
Reference I.L.
Low
10 dB
HMC541LP3 / 541LP3E
v01.1005
10 dB GaAs MMIC 1-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com