Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC540LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC540LP3
Description  1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC540LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC540LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC540LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC540LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC540LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC540LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC540LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
5 - 174
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1Vdd
Supply Voltage.
2, 11
RF1, RF2
This pin is DC coupled and matched to 50 Ohm.
Blocking capacitors are required.
Select value based on lowest frequency of operation.
3, 7, 9, 10, 12
N/C
These pins should be connected to PCB RF ground to
maximize performance.
4 - 6, 8
ACG1 - ACG4
External capacitor to ground is required. Select value for
lowest frequency of operation. Place capacitor as close
to pins as possible.
13 - 16
V1 - V4
See truth table and control voltage table.
GND
Package bottom has an exposed metal paddle that must be
connected to RF/DC Ground.
Application Circuit
HMC540LP3 / 540LP3E
1 dB LSB GaAs MMIC 4-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
v00.0605
Recommended Component Values
C1 - C3
1,000 pF ± 10%
C4, C5
330 pF ± 10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com