Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC548LP3 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC548LP3
Description  SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC548LP3 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC548LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 162
1575 MHz Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 ohm impedance while the
package ground leads and exposed ground paddle
should be connected directly to the ground plane
similar to that shown above. A sufficient number of
via holes should be used to connect the top and
bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request.
List of Material for Evaluation PCB 114254 [1]
Item
Description
J1, J2
PCB Mount SMA Connector
J3, J4
DC Pin
C1, C2
150 pF Capacitor, 0402 Pkg.
C3
1000 pF Capacitor, 0402 Pkg.
C4
18,000 pF Capacitor, 0402 Pkg.
U1
HMC548LP3 / HMC548LP3E
Amplifier
U2
Filter, Amotech AMOBP1575P02-A1
2.5 dB loss @ 1575 MHz
PCB [2]
110980 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Roger 4350
HMC548LP3 / 548LP3E
v02.0706
SiGe HBT MMIC LOW NOISE
AMPLIFIER, 1.2 - 3.0 GHz
Application Circuit
Component
Value
C1, C2
150 pF
C3
1,000 pF
C4
18,000 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com