Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3316 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LS3316
Description  Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LS3316 Datasheet(HTML) 1 Page - ice Components, Ins.

  LS3316 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
8.38 +/- 0.3
2.54 +/- 0.3
7.62 +/- 0.3
12.95 max
xxx
Features
•
Will Handle up to 5.6A
•
Suitable for Pick and Place
•
Withstands Solder Reflow
•
High Performance Shielded Design
Applications
•
Handheld and PDA Applications
•
DC/DC Converters
•
Output Power Chokes
•
Battery Powered or Low Voltage Applications
Packaging
•
Reel Diameter: 13"
•
Reel Width:
24mm
•
Pieces Per Reel: 1000
Mechanical
Electrical Specifications
1. Tested @ 100kHz, 0.1Vrms.
2. Inductance drop = 10% at
rated I
dc max.
3. Operating temperature range:
-40ºC to +85ºC.
4. Electrical specifications at
25ºC.
5. Meets UL 94V-0.
LS3316-1R0-RM
LS3316-1R5-RM
LS3316-2R2-RM
LS3316-3R3-RM
LS3316-4R7-RM
LS3316-6R8-RM
LS3316-100-RM
LS3316-150-RM
LS3316-220-RM
LS3316-330-RM
LS3316-470-RM
Part
Number
Inductance1
(uH +/- 20%)
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
0.021
0.022
0.032
0.039
0.054
0.075
0.101
0.150
0.207
0.334
0.472
DCR max
(
Ω)
5.60
5.20
5.00
3.90
3.20
2.80
2.40
2.00
1.60
1.40
1.00
I
dc max
2
(A)
7.37
2.92
TOP VIEW
Unit: mm
LS3316 Series
Surface Mount Power Inductors
48
(04/08) LS-2


Similar Part No. - LS3316

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
Surface Mount Power Inductors
LS3316-100-RM ICE-LS3316-100-RM Datasheet
542Kb / 1P
Surface Mount Power Inductors
LS3316-150-RM ICE-LS3316-150-RM Datasheet
542Kb / 1P
Surface Mount Power Inductors
LS3316-1R0-RM ICE-LS3316-1R0-RM Datasheet
542Kb / 1P
Surface Mount Power Inductors
LS3316-1R5-RM ICE-LS3316-1R5-RM Datasheet
542Kb / 1P
Surface Mount Power Inductors
More results

Similar Description - LS3316

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com