Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

561LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 561LP3E
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

561LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  561LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 561LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
RF Input (Vdd = +5V)
+10 dBm
Supply Voltage (Vdd)
+5.5 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 9.8 mW/°C above 85 °C)
635 mW
Thermal Resistance
(channel to ground paddle)
102 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
4.5
97
5.0
98
5.5
99
Note:
Multiplier will operate over full voltage range shown above.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
HMC561LP3 / 561LP3E
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
-20
-16
-12
-8
-4
0
7
9
11
13
15
17
19
21
23
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
34
56
789
10
11
12
25 C
+85 C
-40 C
FREQUENCY (GHz)
Supply Current vs. Input Power
70
80
90
100
110
120
130
-10
-6
-2
2
6
10
INPUT POWER (dBm)
v01.0407



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com