Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC601LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC601LP4
Description  75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC601LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC601LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC601LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC601LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC601LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC601LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC601LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC601LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC601LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 11
Electrical Specifications, (continued)
Parameter
Condition
Vcc1, Vcc2
+3.3V
Input Zo
50Ω
T
A
+25C
Fin
900 MHz
INN Port connected to ground through a 1000pF capacitor
Test Conditions
HMC601LP4 / 601LP4E
v01.0509
75 dB, FAST SETTLING, LOGARITHMIC
DETECTOR / CONTROLLER 10 - 4000 MHz
Parameter
Conditions
Min.
Typ.
Max.
Units
Current Drive (Source)
0.55
mA
Current Drive (Sink)
For 1% change in the output voltage
4.8
mA
Output Voltage Range
0Vcc -0.13
V
Small Signal Response Time (10% to 90%)
Pin = -60 to -57 dBm
8
ns
Large Signal Response Time (±0.5 dB Settling)
Pin = No Signal to 0 dBm
50
ns
Output Rise Time
From 0% to 90%
15
ns
Ripple
Fin = 100 MHz
<4
mVpp
VSET Interface
Input Impedance
30
kΩ
Input Voltage Range
0.6 to 1.9
V
Low Frequency Gain
VSET to LOGOUT
75
dB
Open Loop Corner Frequency
4.4
kHz
Power Down (PWD) Interface
Voltage Range for Normal Mode
0
0.2 x Vcc
V
Voltage Range for Shutdown Mode
0.8 x Vcc
Vcc
V
Threshold Voltage
Vcc/2
V
Power-up Response Time
50% PWD to ±0.5 dB Settling of LOGOUT
19.9
μs
Power-Down Response Time
50% PWD to 10% Icc
2.2
μs
Power Supply (Vcc1, Vcc2)
Operating Voltage Range
2.7
5.5
V
Supply Current in Normal Mode
Vcc = +3.3V, PWD = 0V
30
36
mA
Supply Current in Power Down Mode
Vcc = +3.3V, PWD = Vcc
1
mA
LOGOUT Voltage & Error
vs. Input Power, Fin = 10 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
LOGOUT Voltage & Error
vs. Input Power, Fin = 50 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
-75
-65
-55
-45
-35
-25
-15
-5
5
IDEAL
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com